Part Number Hot Search : 
621000 H24N60 L4PFE ACE78LXX BTA208 RF740 MA2Z377 001SMB
Product Description
Full Text Search
 

To Download ISL6252HRZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
ISL6252, ISL6252A
Data Sheet July 19, 2007 FN6498.1
Highly Integrated Battery Charger Controller for Notebook Computers
The ISL6252, ISL6252A is a highly integrated battery charger controller for Li-Ion/Li-Ion polymer batteries. High Efficiency is achieved by a synchronous buck topology. The low side MOSFET emulates a diode at light loads to improve the light load efficiency and prevent system bus boosting. The constant output voltage can be selected for 2, 3 and 4 series Li-Ion cells with 0.5% accuracy over-temperature. It can also be programmed between 4.2V + 5%/cell and 4.2V - 5%/cell to optimize battery capacity. When supplying the load and battery charger simultaneously, the input current limit for the AC adapter is programmable to within 3% accuracy to avoid overloading the AC adapter, and to allow the system to make efficient use of available adapter power for charging. It also has a wide range of programmable charging current. The ISL6252, ISL6252A provides outputs that are used to monitor the current drawn from the AC adapter, and monitor for the presence of an AC adapter. The ISL6252, ISL6252A automatically transitions from regulating current mode to regulating voltage mode.
Features
* 0.5% Charge Voltage Accuracy (-10C to +100C) * 3% Accurate Input Current Limit * 3% Accurate Battery Charge Current Limit * 25% Accurate Battery Trickle Charge Current Limit * Programmable Charge Current Limit, Adapter Current Limit and Charge Voltage * Fixed 300kHz PWM Synchronous Buck Controller with Diode Emulation at Light Load * Overvoltage Protection * Output for Current Drawn from AC Adapter * AC Adapter Present Indicator * Fast Input Current Limit Response * Input Voltage Range 7V to 25V * Support 2-, 3- and 4-Cells Battery Pack * Up to 17.64V Battery-Voltage Set Point * Thermal Shutdown * Less than 10A Battery Leakage Current
Ordering Information
PART NUMBER (Notes 1, 2) ISL6252HRZ* ISL6252HAZ* PART MARKING ISL 6252HRZ ISL 6252HAZ TEMP RANGE (C) PACKAGE (Pb-free) PKG. DWG. #
* Supports Pulse Charging * Pb-Free Plus Anneal Available (RoHS Compliant)
-10 to +100 28 Ld 5x5 QFN L28.5x5 -10 to +100 24 Ld QSOP M24.15
Applications
* Notebook, Desknote and Sub-notebook Computers * Personal Digital Assistant
ISL6252AHRZ* ISL6252 AHRZ -10 to +100 28 Ld 5x5 QFN L28.5x5 ISL6252AHAZ* ISL6252 AHAZ -10 to +100 24 Ld QSOP
NOTES:
M24.15
1. Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020. 2. Add "-T" for Tape and Reel. Please refer to TB347 for details on reel specifications.
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 1-888-468-3774 | Intersil (and design) is a registered trademark of Intersil Americas Inc. Copyright Intersil Americas Inc. 2007. All Rights Reserved All other trademarks mentioned are the property of their respective owners.
ISL6252, ISL6252A Pinouts
ISL6252, ISL6252A (28 LD QFN) TOP VIEW
ACPRN ACSET CSON DCIN VDD VDD ACSET EN 21 20 19 18 17 16 15 8 ACLIM 9 VADJ 10 GND 11 PGND 12 LGATE 13 VDDP 14 BOOT CSOP CSIN CSIP ICM NA NA PHASE UGATE VREF CHLIM ACLIM VADJ 7 GND CELLS ICOMP VCOMP ICOMP VCOMP ICM VREF CHLIM 3 4 5 6
ISL6252, ISL6252A (24 LD QSOP) TOP VIEW
1 2 3 4 5 6 7 8 9 10 11 12 24 23 22 21 20 19 18 17 16 15 14 13 DCIN ACPRN CSON CSOP CSIN CSIP PHASE UGATE BOOT VDDP LGATE PGND
NA
28 EN CELLS 1 2
27
26
25
24
NA
23
22
2
FN6498.1 July 19, 2007
ISL6252, ISL6252A
ICM CSIP CSIN
ACSET ACPRN
+X19.9CA1
+
VREF 152k ACLIM 152k
1.26V DCIN
ADAPTER CURRENT LIMIT SET gm3
LDO REGULATOR
VDD
+
ICOMP
MIN CURRENT BUFFER 300kHz RAMP MIN VOLTAGE BUFFER
BOOT
PWM
UGATE PHASE
-0.25
+
VCOMP VREF 514k gm1 VDDP LGATE
+
VADJ 514k
-
288k 32k 16k 48k
-
gm2
PGND
+
2.1V
-
1.065V EN
CELLS
VOLTAGE SELECTOR VDD
-
CA2 X19.9
+
+
VREF
REFERENCE GND
FB
CSON
CSOP CHLIM
FIGURE 1. FUNCTIONAL BLOCK DIAGRAM
3
FN6498.1 July 19, 2007
ISL6252, ISL6252A
AC ADAPTER R8 130k 1% R9 10.2k 1% C7 1 1F 3.3V R5 100k C6 R6 6.8nF ICOMP ICOMP C5 10nF VCOMP VCOMP VADJ VADJ EN EN ACLIM ACLIM VREF VREF VREF R12 2.6A CHARGE LIMIT 20k 1% 253mA TRICKLE CHARGE CHLIM CHLIM R13 1.87k 1% R11 130k 1% Q6 GND R10 4.7 4.7 VDD VDD C9 1 1F ACPRN ACPRN BOOT BOOT D2 UGATE UGATE PHASE PHASE LGATE LGATE Q2 PGND PGND R11 22 CSOP CSOP C3 0.047F CSON CSON R12 22 CELLS ICM R7: 100 C11 3300pF VDD 4 CELLS C10 22F R1 20m BAT+ BATTERY PACK BATC4 0.1 0.1F Q1 TO HOST CONTROLLER
0.1F CSON DCIN DCIN ACSET ACSET ISL6252 ISL6252 ISL6252A IS6252 ISL6252 ISL VDDP VDDP CSIN CSIN R22 22 VDDP CSIP C2 0.1 0.1F R2 20m 20m SYSTEM LOAD
R21 2.2
C1:10 F
4.7k FLOATING 4.2V/CELL CHARGE ENABLE
D1 OPTIONAL
L 4.7H
TRICKLE CHARGE
FIGURE 2. ISL6252, ISL6252A TYPICAL APPLICATION CIRCUIT WITH FIXED CHARGING PARAMETERS
4
FN6498.1 July 19, 2007
ISL6252, ISL6252A
ADAPTER C8 0.1FCSON 0.1
R8 130k 1% R9 10.2k 1%
DCIN DCIN ACSET ACSET CSIP CSIP
R21 2.2 C2 0.1 0.1F
R2 20m 20m
SYSTEM LOAD
C7 1F C9 1 1F VCC DIGITAL INPUT R16 100k R5 100k R10 4.7 4.7
CSIN ISL6252 CSIN ISL6252 ISL6252 ISL6252A ISL ISL6252 VDDP VDDP
R22 22
VDDP BOOT BOOT VDD VDD UGATE UGATE ACPRN ACPRN PHASE PHASE LGATE LGATE Q2 D2
C1:10 C1:10F
Q1 C4 0.1F 0.1
D1 OPTIONAL
L 4.7H
D/A OUTPUT OUTPUT R7: 100 A/D INPUT HOST C11 3300pF 5.15A INPUT CURRENT LIMIT C6 6.8nF
CHLIM CHLIM EN EN ICM ICM
PGND PGND R11 22 CSOP CSOP C3 0.047F CSON CSON R12 22 GND 3-CELLS FLOATING 4.2V/CELL R1 20m C10 22F BAT+
ACLIM ACLIM CELLS CELLS VREF VREF VADJ VADJ ICOMP ICOMP GND GND VCOMP VCOMP
R11, R12 R13: 10k AVDD/VREF
BATTERY PACK
R6 4.7k SCL SDL A/D INPUT GND
C5 10nF
SCL SDL TEMP BAT-
FIGURE 3. ISL6252, ISL6252A TYPICAL APPLICATION CIRCUIT WITH P CONTROL
5
FN6498.1 July 19, 2007
ISL6252, ISL6252A
Absolute Maximum Ratings
ACSET to GND (Note 3) . . . . . . . . . . . . . . . . . . -0.3V to VDD +0.3V DCIN, CSIP, CSON to GND. . . . . . . . . . . . . . . . . . . . . -0.3V to +28V CSIP-CSIN, CSOP-CSON . . . . . . . . . . . . . . . . . . . . . -0.3V to +0.3V PHASE to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -7V to 30V BOOT to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +35V BOOT to VDDP . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -2V to 28V ACLIM, ACPRN, CHLIM, VDD to GND . . . . . . . . . . . . . . -0.3V to 7V BOOT-PHASE, VDDP-PGND . . . . . . . . . . . . . . . . . . . . . -0.3V to 7V ICM, ICOMP, VCOMP to GND. . . . . . . . . . . . . . -0.3V to VDD +0.3V VREF, CELLS to GND . . . . . . . . . . . . . . . . . . . . -0.3V to VDD +0.3V EN, VADJ, PGND to GND . . . . . . . . . . . . . . . . . -0.3V to VDD +0.3V UGATE. . . . . . . . . . . . . . . . . . . . . . . . PHASE -0.3V to BOOT +0.3V LGATE . . . . . . . . . . . . . . . . . . . . . . . . . PGND -0.3V to VDDP +0.3V
Thermal Information
Thermal Resistance JA (C/W) JC (C/W) QFN Package (Notes 4, 5). . . . . . . . . . 39 9.5 QSOP Package (Note 4) . . . . . . . . . . . 80 NA Junction Temperature Range. . . . . . . . . . . . . . . . . .-10C to +150C Operating Temperature Range . . . . . . . . . . . . . . . .-10C to +100C Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65C to +150C Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and result in failures not covered by warranty.
NOTES: 3. ACSET may be operated 1V below GND if the current through ACSET is limited to less than 1mA. 4. JA is measured in free air with the component mounted on a high effective thermal conductivity test board with "direct attach" features. See Tech Brief TB379. 5. For JC, the "case temp" location is the center of the exposed metal pad on the package underside.
Electrical Specifications
DCIN = CSIP = CSIN = 18V, CSOP = CSON = 12V, ACSET = 1.5V, ACLIM = VREF, VADJ = Floating, EN = VDD = 5V, BOOT-PHASE = 5.0V, GND = PGND = 0V, CVDD = 1F, IVDD = 0mA, TA = -10C to +100C, TJ +125C, Unless Otherwise Noted. TEST CONDITIONS MIN TYP MAX UNITS
PARAMETER SUPPLY AND BIAS REGULATOR DCIN Input Voltage Range DCIN Quiescent Current Battery Leakage Current (Note 6) VDD Output Voltage/Regulation VDD Undervoltage Lockout Trip Point
7 EN = VDD or GND, 7V DCIN 25V DCIN = 0, no load 7V DCIN 25V, 0 IVDD 30mA VDD Rising Hysteresis 4.925 4.0 200 2.365 -0.5 -0.5 -0.5 -0.5 -0.5 -0.5 -0.5 -0.5 -0.5 1.4 3 5.075 4.4 250 2.39
25 3 10 5.225 4.6 400 2.415 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5
V mA A V V mV V % % % % % % % % %
Reference Output Voltage VREF Battery Charge Voltage Accuracy
0 IVREF 300A CSON = 16.8V, CELLS = VDD, VADJ = Float CSON = 12.6V, CELLS = GND, VADJ = Float CSON = 8.4V, CELLS = Float, VADJ = Float CSON = 17.64V, CELLS = VDD, VADJ = VREF CSON = 13.23V, CELLS = GND, VADJ = VREF CSON = 8.82V, CELLS = Float, VADJ = VREF CSON = 15.96V, CELLS = VDD, VADJ = GND CSON = 11.97V, CELLS = GND, VADJ = GND CSON = 7.98V, CELLS = Float, VADJ = GND
TRIP POINTS ACSET Threshold ACSET Input Bias Current Hysteresis ACSET Input Bias Current ACSET Input Bias Current ACSET 1.26V ACSET < 1.26V 1.24 2.4 2.4 -1 1.26 3.4 3.4 0 1.28 4.4 4.4 1 V A A A
6
FN6498.1 July 19, 2007
ISL6252, ISL6252A
Electrical Specifications
DCIN = CSIP = CSIN = 18V, CSOP = CSON = 12V, ACSET = 1.5V, ACLIM = VREF, VADJ = Floating, EN = VDD = 5V, BOOT-PHASE = 5.0V, GND = PGND = 0V, CVDD = 1F, IVDD = 0mA, TA = -10C to +100C, TJ +125C, Unless Otherwise Noted. (Continued) TEST CONDITIONS MIN TYP MAX UNITS
PARAMETER OSCILLATOR Frequency PWM Ramp Voltage (peak-peak) CSIP = 18V CSIP = 11V SYNCHRONOUS BUCK REGULATOR Maximum Duty Cycle UGATE Pull-Up Resistance UGATE Source Current UGATE Pull-down Resistance UGATE Sink Current LGATE Pull-Up Resistance LGATE Source Current LGATE Pull-Down Resistance LGATE Sink Current Dead Time
245
300 1.6 1
355
kHz V V
97 BOOT-PHASE = 5V, 500mA source current BOOT-PHASE = 5V, BOOT-UGATE = 2.5V BOOT-PHASE = 5V, 500mA sink current BOOT-PHASE = 5V, UGATE-PHASE = 2.5V VDDP-PGND = 5V, 500mA source current VDDP-PGND = 5V, VDDP-LGATE = 2.5V VDDP-PGND = 5V, 500mA sink current VDDP-PGND = 5V, LGATE = 2.5V Falling UGATE to rising LGATE or falling LGATE to rising UGATE 10
99 1.8 1.0 1.0 1.8 1.8 1.0 1.0 1.8
99.6 3.0
% A
1.8
A
3.0
A
1.8
A
30
ns
CHARGING CURRENT SENSING AMPLIFIER Input Common-Mode Range Input Bias Current at CSOP Input Bias Current at CSON CHLIM Input Voltage Range ISL6252 CSOP to CSON Full-Scale Current Sense Voltage ISL6252A CSOP to CSON Full-Scale Current Sense Voltage ISL6252 CSOP to CSON Full-Scale Current Sense Voltage formula ISL6252A CSOP to CSON Full-Scale Current Sense Voltage formula CHLIM Input Bias Current CHLIM Power-Down Mode Threshold Voltage CHLIM Power-Down Mode Hysteresis Voltage ADAPTER CURRENT SENSING AMPLIFIER Input Common-Mode Range Input Bias Current at CSIP and CSIN Combined Input Bias Current at CSIN CSIP = CSIN = 25V 0 < CSIN < DCIN 7 100 0.10 25 130 V A A ISL6252: CHLIM = 3.3V ISL6252: CHLIM = 2.0V ISL6252: CHLIM = 0.2V ISL6252A: CHLIM = 3.3V ISL6252A: CHLIM = 2.0V ISL6252A: CHLIM = 0.2V Charge current limit mode 0.2V < CHLIM < 3.3V Charge current limit mode 0.2V < CHLIM < 3.3V CHLIM = GND or 3.3V, DCIN = 0V CHLIM rising 5 < CSOP < 18V 5 < CSON < 18V 0 160 95 5.0 161.7 97 7.5 CHLIM*50 -5 CHLIM*49.72 -2.4 -1 80 15 88 25 165 100 10 165 100 10 0 0.25 75 18 2 100 3.6 170 105 15.0 168.3 103 12.5 CHLIM*50 +5 CHLIM*50.28 +2.4 1 95 40 V A A V mV mV mV mV mV mV mV mV A mV mV
7
FN6498.1 July 19, 2007
ISL6252, ISL6252A
Electrical Specifications
DCIN = CSIP = CSIN = 18V, CSOP = CSON = 12V, ACSET = 1.5V, ACLIM = VREF, VADJ = Floating, EN = VDD = 5V, BOOT-PHASE = 5.0V, GND = PGND = 0V, CVDD = 1F, IVDD = 0mA, TA = -10C to +100C, TJ +125C, Unless Otherwise Noted. (Continued) TEST CONDITIONS MIN TYP MAX UNITS
PARAMETER ADAPTER CURRENT LIMIT THRESHOLD CSIP to CSIN Full-Scale Current Sense Voltage
ACLIM = VREF ACLIM = Float ACLIM = GND
97 72 47 10 -20
100 75 50 16 -16
103 78 53 20 -10
mV mV mV A A
ACLIM Input Bias Current
ACLIM = VREF ACLIM = GND
VOLTAGE REGULATION ERROR AMPLIFIER Error Amplifier Transconductance from CSON to VCOMP CELLS = VDD 30 A/V
CURRENT REGULATION ERROR AMPLIFIER Charging Current Error Amplifier Transconductance Adapter Current Error Amplifier Transconductance BATTERY CELL SELECTOR CELLS Input Voltage for 4 Cell Select CELLS Input Voltage for 3 Cell Select CELLS Input Voltage for 2 Cell Select LOGIC INTERFACE EN Input Voltage Range EN Threshold Voltage Rising Falling Hysteresis EN Input Bias Current ACPRN Sink Current ACPRN Leakage Current ICM Output Accuracy (VICM = 19.9 x (VCSIP - VCSIN)) EN = 2.5V ACPRN = 0.4V ACPRN = 5V CSIP-CSIN = 100mV CSIP-CSIN = 75mV CSIP-CSIN = 50mV Thermal Shutdown Temperature Thermal Shutdown Temperature Hysteresis NOTE: 6. This is the sum of currents in these pins (CSIP, CSIN, BOOT, UGATE, PHASE, CSOP, CSON) all tied to 16.8V. No current in pins EN, ACSET, VADJ, CELLS, ACLIM, CHLIM. 0 1.030 0.985 30 1.8 3 -0.5 -3 -4 -5 0 0 0 150 25 1.06 1.000 60 2.0 8 VDD 1.100 1.025 90 2.2 11 0.5 +3 +4 +5 V V V mV A mA A % % % C C 2.1 4.3 2 4.2 V V V 50 50 A/V A/V
8
FN6498.1 July 19, 2007
ISL6252, ISL6252A Typical Operating Performance
0.6 VREF LOAD REGULATION ACCURACY (%) 0 5 10 15 20 40 VDD LOAD REGULATION ACCURACY (%)
DCIN = 20V, 4S2P Li-Battery, TA = +25C, Unless Otherwise Noted.
0.10
0.3
0.08
0.06
0.0
0.04
-0.3
0.02
-0.6
0.00
0
100
200 LOAD CURRENT (A)
300
400
LOAD CURRENT (mA)
FIGURE 4. VDD LOAD REGULATION
FIGURE 5. VREF LOAD REGULATION
10 9 8 | ACCURACY | (%) 7 EFFICIENCY (%) 6 5 4 3 2 1 0 0 10 20 30 40 50 60 70 80 90 100
100
96
92 VCSON = 8.4V 2 CELLS 88 VCSON = 12.6V 3 CELLS 84 VCSON = 16.8V 4 CELLS
80
76
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
CSIP-CSIN (mV)
LOAD CURRENT (A)
FIGURE 6. ACCURACY vs AC ADAPTER CURRENT
FIGURE 7. SYSTEM EFFICIENCY vs CHARGE CURRENT
DCIN 10V/div
LOAD CURRENT 5A/div ADAPTER CURRENT 5A/div CHARGE CURRENT 2A/div
ACSET 1V/div
DCSET 1V/div
DCPRN 5V/div ACPRN 5V/div
LOAD STEP: 0-4A 4A STEP: 0A TO CHARGE CURRENT: 3A AC ADAPTER CURRENT LIMIT: 5.15A ADAPTER CURRENT LIMIT: 5.15A AC
BATTERY VOLTAGE 2V/div
FIGURE 8. AC AND DC ADAPTER DETECTION
FIGURE 9. LOAD TRANSIENT RESPONSE
9
FN6498.1 July 19, 2007
ISL6252, ISL6252A Typical Operating Performance
DCIN = 20V, 4S2P Li-Battery, TA = +25C, Unless Otherwise Noted. (Continued)
CSON 5V/div EN 5V/div
INDUCTOR CURRENT 2A/div
BATTERY BATTERY INSERTION INSERTION BATTERY BATTERY REMOVAL REMOVAL
CSON 10V/div
INDUCTOR CURRENT 2A/div
VCOMP VCOMP
VCOMP 2V/div ICOMP 2V/div
CHARGE CURRENT 2A/div
ICOMP ICOMP
FIGURE 10. CHARGE ENABLE AND SHUTDOWN
FIGURE 11. BATTERY INSERTION AND REMOVAL
CHLIM = 0.2V CHLIM=0.2V CSON = 8V CSON=8V
PHASE 10V/div
PHASE 10V/div
INDUCTOR CURRENT 1A/div
UGATE 2V/div
UGATE 5V/div
LGATE 2V/div
FIGURE 12. AC ADAPTER REMOVAL
FIGURE 13. AC ADAPTER INSERTION
ADAPTER REMOVAL ADAPTER REMOVAL
SGATE-CSIP 2V/div
BGATE-CSIP 2V/div
SYSTEM BUS VOLTAGE 10V/div BGATE-CSIP 2V/div INDUCTOR CURRENT 2A/div
ADAPTER INSERTION ADAPTER INSERTION
SYSTEM BU VOLTAGE 10V/div
SGATE-CSIP 2V/div INDUCTOR CURRENT 2A/div
FIGURE 14. SWITCHING WAVEFORMS AT DIODE EMULATION
FIGURE 15. SWITCHING WAVEFORMS IN CC MODE
10
FN6498.1 July 19, 2007
ISL6252, ISL6252A Typical Operating Performance
DCIN = 20V, 4S2P Li-Battery, TA = +25C, Unless Otherwise Noted. (Continued)
CHARGE CURRENT 1A/div
CHLIM 1V/div
FIGURE 16. TRICKLE TO FULL-SCALE CHARGING
Functional Pin Descriptions
BOOT
Connect BOOT to a 0.1F ceramic capacitor to PHASE pin and connect to the cathode of the bootstrap Schottky diode.
ACSET
ACSET is an AC adapter detection input. Connect to a resistor divider from the AC adapter output.
ACPRN
Open-drain output signals AC adapter is present. ACPRN pulls low when ACSET is higher than 1.26V; and pulled high when ACSET is lower than 1.26V.
UGATE
UGATE is the high side MOSFET gate drive output.
LGATE
LGATE is the low side MOSFET gate drive output; swing between 0V and VDDP.
EN
EN is the Charge Enable input. Connecting EN to high enables the charge control function, connecting EN to low disables charging functions. Use with a thermistor to detect a hot battery and suspend charging.
PHASE
The Phase connection pin connects to the high side MOSFET source, output inductor, and low side MOSFET drain.
ICM
ICM is the adapter current output. The output of this pin produces a voltage proportional to the adapter current.
CSOP/CSON
CSOP/CSON is the battery charging current sensing positive/negative input. The differential voltage across CSOP and CSON is used to sense the battery charging current, and is compared with the charging current limit threshold to regulate the charging current. The CSON pin is also used as the battery feedback voltage to perform voltage regulation.
PGND
PGND is the power ground. Connect PGND to the source of the low side MOSFET.
VDD
VDD is an internal LDO output to supply IC analog circuit. Connect a 1F ceramic capacitor to ground.
CSIP/CSIN
CSIP/CSIN is the AC adapter current sensing positive/negative input. The differential voltage across CSIP and CSIN is used to sense the AC adapter current, and is compared with the AC adapter current limit to regulate the AC adapter current.
VDDP
VDDP is the supply voltage for the low-side MOSFET gate driver. Connect a 4.7 resistor to VDD and a 1F ceramic capacitor to power ground.
ICOMP
ICOMP is a current loop error amplifier output.
GND
GND is an analog ground.
VCOMP
VCOMP is a voltage loop amplifier output.
DCIN
The DCIN pin is the input of the internal 5V LDO. Connect it to the AC adapter output. Connect a 0.1F ceramic capacitor from DCIN to CSON.
CELLS
This pin is used to select the battery voltage. CELLS = VDD for a 4S battery pack, CELLS = GND for a 3S battery pack, CELLS = Float for a 2S battery pack.
11
FN6498.1 July 19, 2007
ISL6252, ISL6252A
VADJ
VADJ adjusts battery regulation voltage. VADJ = VREF for 4.2V+5%/cell; VADJ = Floating for 4.2V/cell; VADJ = GND for 4.2V-5%/cell. Connect to a resistor divider to program the desired battery cell voltage between 4.2V-5% and 4.2V+5%. charging current and charging voltage. Figure 2 shows the ISL6252 typical application circuit with charging current and charging voltage fixed at specific values. The typical application circuit shown in Figure 3 shows the ISL6252 typical application circuit which uses a micro-controller to adjust the charging current set by CHLIM input for aircraft power applications. The voltage at CHLIM and the value of R1 sets the charging current. The DC/DC converter generates the control signals to drive two external N-Channel MOSFETs to regulate the voltage and current set by the ACLIM, CHLIM, VADJ and CELLS inputs. The ISL6252 features a voltage regulation loop (VCOMP) and two current regulation loops (ICOMP). The VCOMP voltage regulation loop monitors CSON to ensure that its voltage never exceeds the voltage and regulates the battery charge voltage set by VADJ. The ICOMP current regulation loops regulate the battery charging current delivered to the battery to ensure that it never exceeds the charging current limit set by CHLIM; and the ICOMP current regulation loops also regulate the input current drawn from the AC adapter to ensure that it never exceeds the input current limit set by ACLIM, and to prevent a system crash and AC adapter overload.
CHLIM
CHLIM is the battery charge current limit set pin. CHLIM input voltage range is 0.1V to 3.6V. When CHLIM = 3.3V, the set point for CSOP to CSON is 165mV. The charger shuts down if CHLIM is forced below 88mV.
ACLIM
ACLIM is the adapter current limit set pin. ACLIM = VREF for 100mV, ACLIM = Floating for 75mV, and ACLIM = GND for 50mV. Connect a resistor divider to program the adapter current limit threshold between 50mV and 100mV.
VREF
VREF is a 2.39V reference output pin. It is internally compensated. Do not connect a decoupling capacitor.
Theory of Operation
Introduction
Unless otherwise noted, all descriptions of ISL6252 refer to both ISL6252 and ISL6252A. The ISL6252 includes all of the functions necessary to charge 2 to 4 cell Li-Ion and Lipolymer batteries. A high efficiency synchronous buck converter is used to control the charging voltage and charging current up to 10A. The ISL6252 has input current limiting and analog inputs for setting the charge current and charge voltage; CHLIM inputs are used to control charge current and VADJ inputs are used to control charge voltage. The ISL6252 charges the battery with constant charge current, set by CHLIM input, until the battery voltage rises up to a programmed charge voltage set by VADJ input; then the charger begins to operate at a constant voltage charge mode. The charger also drives an adapter isolation P-Channel MOSFET to efficiently switch in the adapter supply. ISL6252 is a complete power source selection controller for single battery systems and also aircraft power applications. It drives a battery selector P-Channel MOSFET to efficiently select between a single battery and the adapter. It controls the battery discharging MOSFET and switches to the battery when the AC adapter is removed, or, switches to the AC adapter when the AC adapter is inserted for single battery system. The EN input allows shutdown of the charger through a command from a micro-controller. It also uses EN to safely shutdown the charger when the battery is in extremely hot conditions. The amount of adapter current is reported on the ICM output. Figure 1 shows the IC functional block diagram. The synchronous buck converter uses external N-Channel MOSFETs to convert the input voltage to the required 12
PWM Control
The ISL6252 employs a fixed frequency PWM current mode control architecture with a feed-forward function. The feed-forward function maintains a constant modulator gain of 11 to achieve fast line regulation as the buck input voltage changes. When the battery charge voltage approaches the input voltage, the DC/DC converter operates in dropout mode, where there is a timer to prevent the frequency from dropping into the audible frequency range. It can achieve duty cycle of up to 99.6%. To prevent boosting of the system bus voltage, the battery charger operates in standard-buck mode when CSOPCSON drops below 4.25mV. Once in standard-buck mode, hysteresis does not allow synchronous operation of the DC/DC converter until CSOP-CSON rises above 12.5mV. An adaptive gate drive scheme is used to control the dead time between two switches. The dead time control circuit monitors the LGATE output and prevents the upper side MOSFET from turning on until LGATE is fully off, preventing cross-conduction and shoot-through. In order for the dead time circuit to work properly, there must be a low resistance, low inductance path from the LGATE driver to MOSFET gate, and from the source of MOSFET to PGND. The external Schottky diode is between the VDDP pin and BOOT pin to keep the bootstrap capacitor charged.
Setting the Battery Regulation Voltage
The ISL6252 uses a high-accuracy trimmed band-gap voltage reference to regulate the battery charging voltage. The VADJ input adjusts the charger output voltage, and the VADJ control voltage can vary from 0 to VREF, providing a
FN6498.1 July 19, 2007
ISL6252, ISL6252A
10% adjustment range (from 4.2V-5% to 4.2V+5%) on CSON regulation voltage. An overall voltage accuracy of better than 0.5% is achieved. The per-cell battery termination voltage is a function of the battery chemistry. Consult the battery manufacturers to determine this voltage. * Float VADJ to set the battery voltage VCSON = 4.2V x number of the cells, * Connect VADJ to VREF to set 4.41V x number of cells, * Connect VADJ to ground to set 3.99V x number of cells. So, the maximum battery voltage of 17.6V can be achieved. Note that other battery charge voltages can be set by connecting a resistor divider from VREF to ground. The resistor divider should be sized to draw no more than 100A from VREF; or connect a low impedance voltage source like the D/A converter in the micro-controller. The programmed battery voltage per cell can be determined by Equation 1:
V CELL = 0.175 V VADJ + 3.99V (EQ. 1)
values can be set by connecting a resistor divider from VREF or 3.3V to ground, or by connecting a low impedance voltage source like a D/A converter in the micro-controller. Unlike VADJ and ACLIM, CHLIM does not have an internal resistor divider network. The charge current limit threshold is given by Equation 3:
165mV V CHLIM I CHG = ------------------- --------------------- R 3.3V
1
(EQ. 3)
To set the trickle charge current for the dumb charger, an A/D output controlled by the micro-controller is connected to CHLIM pin. The trickle charge current is determined by Equation 4:
165mV V CHLIM ,trickle I CHG = ------------------- --------------------------------------- R 3.3V
1
(EQ. 4)
An external resistor divider from VREF sets the voltage at VADJ according to Equation 2:
R bot_VADJ || 514k V VADJ = VREF x ---------------------------------------------------------------------------------------------------------------R top_VADJ || 514k + R bot_VADJ || 514k (EQ. 2)
When the CHLIM voltage is below 88mV (typical), it will disable the battery charge. When choosing the current sensing resistor, note that the voltage drop across the sensing resistor causes further power dissipation, reducing efficiency. However, adjusting CHLIM voltage to reduce the voltage across the current sense resistor R1 will degrade accuracy due to the smaller signal to the input of the current sense amplifier. There is a trade-off between accuracy and power dissipation. A low pass filter is recommended to eliminate switching noise. Connect the resistor to the CSOP pin instead of the CSON pin, as the CSOP pin has lower bias current and less influence on current-sense accuracy and voltage regulation accuracy.
To minimize accuracy loss due to interaction with VADJ's internal resistor divider, ensure the AC resistance looking back into the external resistor divider is less than 25k. Connect CELLS as shown in Table 1 to charge 2, 3 or 4 Li+ cells. When charging other cell chemistries, use CELLS to select an output voltage range for the charger. The internal error amplifier gm1 maintains voltage regulation. The voltage error amplifier is compensated at VCOMP. The component values shown in Figure 3 provide suitable performance for most applications. Individual compensation of the voltage regulation and current-regulation loops allows for optimal compensation.
TABLE 1. CELL NUMBER PROGRAMMING CELLS VDD GND Float CELL NUMBER 4 3 2
Charge Current Limit Accuracy
The "Electrical Specifications" table on page 6 gives minimum and maximum values for the CSOP-CSON voltage resulting from IC variations at 3 different CHLIM voltages (CSOP-CSON Full-Scale Current Sense Voltage on page 7). It also gives formulae for calculating the minimum and maximum CSOP-CSON voltage at any CHLIM voltage. Equation 5 shows the formula for the max full scale CSOP-CSON voltage (in mV) for the ISL6252A:
ISL6252A ( CSOP - CSON ) MAX = CHLIM * 50.28 + 2.4 ( CSOP - CSON ) MIN = CHLIM * 49.72 - 2.4 (EQ. 5)
Equation 5 shows the formula for the max full scale CSOP-CSON voltage (in mV) for the ISL6252:
ISL6252 MAX ( CSOP - CSON ) = CHLIM * 50 + 5 MIN ( CSOP - CSON ) = CHLIM * 50 - 5 (EQ. 6)
Setting the Battery Charge Current Limit
The CHLIM input sets the maximum charging current. The current set by the current sense-resistor connects between CSOP and CSON. The full-scale differential voltage between CSOP and CSON is 165mV for CHLIM = 3.3V, so the maximum charging current is 4.125A for a 40m sensing resistor. Other battery charge current-sense threshold
With CHLIM = 1.5V, the maximum CSOP-CSON voltage is 78mV and the minimum CSOP-CSON voltage is 72mV. When ISL6252A is in charge current limiting mode, the maximum charge current is the maximum CSOP-CSON
13
FN6498.1 July 19, 2007
ISL6252, ISL6252A
voltage divided by the minimum sense resistor. This can be calculated for ISL6252A with Equation 7:
ISL6252A I CHG, MAX = ( CHLIM * 50.28 + 2.4 ) R 1MIN I CHG, MIN = ( CHLIM * 49.72 - 2.4 ) R 1MAX (EQ. 7)
where Rbot_ACLIM and Rtop_ACLIM are external resistors at ACLIM. To minimize accuracy loss due to interaction with ACLIM's internal resistor divider, ensure the AC resistance looking back into the resistor divider is less than 25k. When choosing the current sense resistor, note that the voltage drop across this resistor causes further power dissipation, reducing efficiency. The AC adapter current sense accuracy is very important. Use a 1% tolerance current-sense resistor. The highest accuracy of 3% is achieved with 100mV current-sense threshold voltage for ACLIM = VREF, but it has the highest power dissipation. For example, it has 400mW power dissipation for rated 4A AC adapter and 1 sensing resistor may have to be used. 4% and 6% accuracy can be achieved with 75mV and 50mV current-sense threshold voltage for ACLIM = Floating and ACLIM = GND, respectively. A low pass filter is suggested to eliminate the switching noise. Connect the resistor to CSIN pin instead of CSIP pin because CSIN pin has lower bias current and less influence on the current-sense accuracy.
Maximum charge current can be calculated for ISL6252 with Equation 8:
ISL6252 I CHG, MAX = ( CHLIM * 50 + 5 ) R 1MIN I CHG, MIN = ( CHLIM * 50 - 5 ) R 1MAX (EQ. 8)
With CHLIM = 0.7V and R1 = 0.02, 1%:
ISL6252A I CHG, MAX = ( 1.5V * 50.28 + 2.4 ) 0.0198 = 3930mA I CHG, MIN = ( 1.5V * 49.72 - 2.4 ) 0.0202 = 3573mA (EQ. 9)
Setting the Input Current Limit
The total input current from an AC adapter, or other DC source, is a function of the system supply current and the battery-charging current. The input current regulator limits the input current by reducing the charging current, when the input current exceeds the input current limit set point. System current normally fluctuates as portions of the system are powered up or down. Without input current regulation, the source must be able to supply the maximum system current and the maximum charger input current simultaneously. By using the input current limiter, the current capability of the AC adapter can be lowered, reducing system cost. The ISL6252 limits the battery charge current when the input current-limit threshold is exceeded, ensuring the battery charger does not load down the AC adapter voltage. This constant input current regulation allows the adapter to fully power the system and prevent the AC adapter from overloading and crashing the system bus. An internal amplifier gm3 compares the voltage between CSIP and CSIN to the input current limit threshold voltage set by ACLIM. Connect ACLIM to REF, Float and GND for the full-scale input current limit threshold voltage of 100mV, 75mV and 50mV, respectively, or use a resistor divider from VREF to ground to set the input current limit as Equation 10:
0.05 1 I INPUT = ------ ---------------- V ACLIM + 0.05 R 2 VREF (EQ. 10)
AC Adapter Detection
Connect the AC adapter voltage through a resistor divider to ACSET to detect when AC power is available, as shown in Figure 2. ACPRN is an open-drain output and is high when ACSET is less than Vth,rise, and active low when ACSET is above Vth,fall. Vth,rise and Vth,fall are given by Equation 12 and Equation 13:
R8 V th, rise = ------ + 1 V ACSET R9 R8 V th, fall = ------ + 1 V ACSET - I hys R 8 R9 (EQ. 12)
(EQ. 13)
where: * Ihys is the ACSET input bias current hysteresis, and * VACSET = 1.24V (min), 1.26V (typ) and 1.28V (max). The hysteresis is IhysR8, where Ihys = 2.2A (min), 3.4A (typ) and 4.4A (max).
Current Measurement
Use ICM to monitor the input current being sensed across CSIP and CSIN. The output voltage range is 0V to 2.5V. The voltage of ICM is proportional to the voltage drop across CSIP and CSIN, and is given by Equation 14:
ICM = 19.9 * I INPUT * R 2 (EQ. 14)
An external resistor divider from VREF sets the voltage at ACLIM according to Equation 11:
R bot, ACLIM || 152k V ACLIM = VREF ----------------------------------------------------------------------------------------------------------------------- R top, ACLIM || 152k + R bot, ACLIM || 152k (EQ. 11)
where IINPUT is the DC current drawn from the AC adapter. ICM has 3% accuracy. It is recommended to have an RC filter at the ICM output for minimizing the switching noise.
14
FN6498.1 July 19, 2007
ISL6252, ISL6252A
LDO Regulator
VDD provides a 5.0V supply voltage from the internal LDO regulator from DCIN and can deliver up to 30mA of current. The MOSFET drivers are powered by VDDP, which must be connected to VDDP as shown in Figure 2. VDDP connects to VDD through an external low pass filter. Bypass VDDP and VDD with a 1F capacitor. There is a delay of approximately 400nsec between VOUT exceeding the OVP trip point and pulling VCOMP, LGATE and UGATE low.
VCOMP VOUT
WHEN VOUT EXCEEDS THE OVP THRESHOLD ICOMP VCOMP IS PULLED LOW AND FETS TURN OFF
Shutdown
The ISL6252 features a low-power shutdown mode. Driving EN low shuts down the ISL6252. In shutdown, the DC/DC converter is disabled, and VCOMP and ICOMP are pulled to ground. The ICM, ACPRN output continue to function. EN can be driven by a thermistor to allow automatic shutdown of the ISL6252 when the battery pack is hot. Often a NTC thermistor is included inside the battery pack to measure its temperature. When connected to the charger, the thermistor forms a voltage divider with a resistive pull-up to the VREF. The threshold voltage of EN is 1.0V with 60mV hysteresis. The thermistor can be selected to have a resistance vs temperature characteristic that abruptly decreases above a critical temperature. This arrangement automatically shuts down the ISL6252 when the battery pack is above a critical temperature. Another method for inhibiting charging is to force CHLIM below 85mV (typ).
BATTERY REMOVAL
CURRENT FLOWS IN THE LOWER FET BODY DIODE UNTIL INDUCTOR CURRENT REACHES ZERO
PHASE
FIGURE 17. OVERVOLTAGE PROTECTION IN ISL6252
Application Information
The following battery charger design refers to the typical application circuit in Figure 2, where typical battery configuration of 4S2P is used. This section describes how to select the external components including the inductor, input and output capacitors, switching MOSFETs, and current sensing resistors.
Short Circuit Protection and 0V Battery Charging
Since the battery charger will regulate the charge current to the limit set by CHLIM, it automatically has short circuit protection and is able to provide the charge current to wake up an extremely discharged battery.
Over-Temperature Protection
If the die temp exceeds +150C, it stops charging. Once the die temp drops below +125C, charging will start up again.
Inductor Selection
The inductor selection has trade-offs between cost, size, cross over frequency and efficiency. For example, the lower the inductance, the smaller the size, but ripple current is higher. This also results in higher AC losses in the magnetic core and the windings, which decrease the system efficiency. On the other hand, the higher inductance results in lower ripple current and smaller output filter capacitors, but it has higher DCR (DC resistance of the inductor) loss, lower saturation current and has slower transient response. So, the practical inductor design is based on the inductor ripple current being 15% to 20% of the maximum operating DC current at maximum input voltage. Maximum ripple is at 50% duty cycle or VBAT = VIN,MAX/2. The required inductance can be calculated from Equation 16:
V IN, MAX L = -------------------------------------------4 f SW I RIPPLE (EQ. 16)
Overvoltage Protection
ISL6252 has an Overvoltage Protection circuit that limits the output voltage when the battery is removed or disconnected by a pulse charging circuit. If CSON exceeds the output voltage set point by more than VOVP an internal comparator pulls VCOMP down and turns off both upper and lower FETs of the buck as in Figure 17. The trip point for Overvoltage Protection is always above the nominal output voltage and can be calculated from Equation 15:
V ADJ V OVP = V OUT, NOM + N CELLS x 42.2mV - 22.2mV x --------------- 2.39V (EQ. 15)
For example, if the CELLS pin is connected to ground (NCELLS = 3) and VADJ is floating (VADJ = 1.195V) then VOUT,NOM = 12.6V and VOVP=12.693V or VOUT,NOM + 93mV.
Where VIN,MAX and fSW are the maximum input voltage, and switching frequency, respectively.
15
FN6498.1 July 19, 2007
ISL6252, ISL6252A
The inductor ripple current I is found from Equation 17:
I RIPPLE = 0.3 I L, MAX (EQ. 17)
ESR adds to ripple voltage, it also creates a high frequency zero that helps the closed loop operation of the buck regulator. EMI considerations usually make it desirable to minimize ripple current in the battery leads. Beads may be added in series with the battery pack to increase the battery impedance at 300kHz switching frequency. Switching ripple current splits between the battery and the output capacitor depending on the ESR of the output capacitor and battery impedance. If the ESR of the output capacitor is 10m and battery impedance is raised to 2 with a bead, then only 0.5% of the ripple current will flow in the battery.
where the maximum peak-to-peak ripple current is 30% of the maximum charge current is used. For VIN,MAX = 19V, VBAT = 16.8V, IBAT,MAX = 2.6A, and fs = 300kHz, the calculated inductance is 8.3H. Choosing the closest standard value gives L = 10H. Ferrite cores are often the best choice since they are optimized at 300kHz to 600kHz operation with low core loss. The core must be large enough not to saturate at the peak inductor current IPeak in Equation 18:
1 I PEAK = I L, MAX + -- I RIPPLE 2 (EQ. 18)
MOSFET Selection
The Notebook battery charger synchronous buck converter has the input voltage from the AC adapter output. The maximum AC adapter output voltage does not exceed 25V. Therefore, 30V logic MOSFET should be used. The high side MOSFET must be able to dissipate the conduction losses plus the switching losses. For the battery charger application, the input voltage of the synchronous buck converter is equal to the AC adapter output voltage, which is relatively constant. The maximum efficiency is achieved by selecting a high side MOSFET that has the conduction losses equal to the switching losses. Switching losses in the low-side FET are very small. The choice of low-side FET is a trade off between conduction losses (rDS(ON)) and cost. A good rule of thumb for the rDS(ON) of the low-side FET is 2X the rDS(ON) of the high-side FET. The LGATE gate driver can drive sufficient gate current to switch most MOSFETs efficiently. However, some FETs may exhibit cross conduction (or shoot through) due to current injected into the drain-to-source parasitic capacitor (Cgd) by the high dV/dt rising edge at the phase node when the highside MOSFET turns on. Although LGATE sink current (1.8A typical) is more than enough to switch the FET off quickly, voltage drops across parasitic impedances between LGATE and the MOSFET can allow the gate to rise during the fast rising edge of voltage on the drain. MOSFETs with low threshold voltage (<1.5V) and low ratio of Cgs/Cgd (<5) and high gate resistance (>4) may be turned on for a few ns by the high dV/dt (rising edge) on their drain. This can be avoided with higher threshold voltage and Cgs/Cgd ratio. Another way to avoid cross conduction is slowing the turn-on speed of the high-side MOSFET by connecting a resistor between the BOOT pin and the boot strap cap. For the high-side MOSFET, the worst-case conduction losses occur at the minimum input voltage as shown in Equation 22:
V OUT 2 P Q1, conduction = --------------- I BAT r DS ( ON ) V IN (EQ. 22)
Inductor saturation can lead to cascade failures due to very high currents. Conservative design limits the peak and RMS current in the inductor to less than 90% of the rated saturation current. Cross over frequency is heavily dependant on the inductor value. fCO should be less than 20% of the switching frequency and a conservative design has fCO less than 10% of the switching frequency. The highest fCO is in voltage control mode with the battery removed and may be calculated (approximately) from Equation 19:
5 11 R SENSE f CO = -----------------------------------------2 L (EQ. 19)
Output Capacitor Selection
The output capacitor in parallel with the battery is used to absorb the high frequency switching ripple current and smooth the output voltage. The RMS value of the output ripple current Irms is given by Equation 20:
V IN, MAX I RMS = ----------------------------------- D ( 1 - D ) 12 L F SW
(EQ. 20)
where the duty cycle D is the ratio of the output voltage (battery voltage) over the input voltage for continuous conduction mode which is typical operation for the battery charger. During the battery charge period, the output voltage varies from its initial battery voltage to the rated battery voltage. So, the duty cycle change can be in the range of between 0.53 and 0.88 for the minimum battery voltage of 10V (2.5V/Cell) and the maximum battery voltage of 16.8V. The maximum RMS value of the output ripple current occurs at the duty cycle of 0.5 and is expressed as Equation 21:
V IN, MAX I RMS = ----------------------------------------4 12 L f SW (EQ. 21)
For VIN,MAX = 19V, VBAT = 16.8V, L = 10H, and fs = 300kHz, the maximum RMS current is 0.19A. A typical 10F ceramic capacitor is a good choice to absorb this current and also has very small size. Organic polymer capacitors have high capacitance with small size and have a significant equivalent series resistance (ESR). Although 16
The optimum efficiency occurs when the switching losses equal the conduction losses. However, it is difficult to
FN6498.1 July 19, 2007
ISL6252, ISL6252A
calculate the switching losses in the high-side MOSFET since it must allow for difficult-to-quantify factors that influence the turn-on and turn-off times. These factors include the MOSFET internal gate resistance, gate charge, threshold voltage, stray inductance, pull-up and pull-down resistance of the gate driver. The following switching loss calculation (Equation 23) provides a rough estimate.
P Q1, Switching = (EQ. 23)
practice because there is less stray inductance due to a short connection. This Schottky diode is optional and may be removed if efficiency loss can be tolerated. In addition, ensure that the required total gate drive current for the selected MOSFETs should be less than 24mA. So, the total gate charge for the high-side and low-side MOSFETs is limited by Equation 25:
1 GATE Q GATE -----------------f sw (EQ. 25)
Q gd 1 Q gd 1 -- V IN I LV f sw ------------------------ + -- V IN I LP f sw ---------------- + Q rr V IN f sw I g, source 2 2 I g, sin k
where the following are the peak gate-drive source/sink current of Q1, respectively: * Qgd: drain-to-gate charge * Qrr: total reverse recovery charge of the body-diode in low-side MOSFET * ILV: inductor valley current * ILP: Inductor peak current * Ig,sink * Ig,source Low switching loss requires low drain-to-gate charge Qgd. Generally, the lower the drain-to-gate charge, the higher the ON-resistance. Therefore, there is a trade-off between the ON-resistance and drain-to-gate charge. Good MOSFET selection is based on the figure of Merit (FOM), which is a product of the total gate charge and ON-resistance. Usually, the smaller the value of FOM, the higher the efficiency for the same application. For the low-side MOSFET, the worst-case power dissipation occurs at minimum battery voltage and maximum input voltage (Equation 24):
V OUT 2 P Q2 = 1 - --------------- I BAT r DS ( ON ) V IN (EQ. 24)
Where IGATE is the total gate drive current and should be less than 24mA. Substituting IGATE = 24mA and fs = 300kHz into Equation 25 yields that the total gate charge should be less than 80nC. Therefore, the ISL6252 easily drives the battery charge current up to 10A.
Snubber Design
ISL6252's buck regulator operates in discontinuous current mode (DCM) when the load current is less than half the peak-to-peak current in the inductor. After the low-side FET turns off, the phase voltage rings due to the high impedance with both FETs off. This can be seen in Figure 9. Adding a snubber (resistor in series with a capacitor) from the phase node to ground can greatly reduce the ringing. In some situations a snubber can improve output ripple and regulation. The snubber capacitor should be approximately twice the parasitic capacitance on the phase node. This can be estimated by operating at very low load current (100mA) and measuring the ringing frequency. CSNUB and RSNUB can be calculated from Equations 26 and 27:
2 C SNUB = -----------------------------------2 ( 2F ring ) L R SNUB = 2L ------------------C SNUB (EQ. 26)
(EQ. 27)
Input Capacitor Selection
The input capacitor absorbs the ripple current from the synchronous buck converter, which is given by Equation 28:
V OUT ( V IN - V OUT ) I RMS = I BAT -----------------------------------------------------------V
IN
Choose a low-side MOSFET that has the lowest possible ON-resistance with a moderate-sized package like the SO-8 and is reasonably priced. The switching losses are not an issue for the low-side MOSFET because it operates at zero-voltage-switching. Choose a Schottky diode in parallel with low-side MOSFET Q2 with a forward voltage drop low enough to prevent the low-side MOSFET Q2 body-diode from turning on during the dead time. This also reduces the power loss in the high-side MOSFET associated with the reverse recovery of the low-side MOSFET Q2 body diode. As a general rule, select a diode with DC current rating equal to one-third of the load current. One option is to choose a combined MOSFET with the Schottky diode in a single package. The integrated packages may work better in 17
(EQ. 28)
This RMS ripple current must be smaller than the rated RMS current in the capacitor datasheet. Non-tantalum chemistries (ceramic, aluminum, or OSCON) are preferred due to their resistance to power-up surge currents when the AC adapter is plugged into the battery charger. For Notebook battery charger applications, it is recommended that ceramic capacitors or polymer capacitors from Sanyo be used due to their small size and reasonable cost.
FN6498.1 July 19, 2007
ISL6252, ISL6252A
Table 2 shows the component lists for the typical application circuit in Figure 2.
TABLE 2. COMPONENT LIST PARTS C1, C10 C2, C4, C8 C3, C7, C9 C5 C6 C11 D1 D2 L Q1, Q2 Q6 R1 R2 R3 R4 R5 R6 R7 R8, R11 R9 R10 R12 R13 PART NUMBERS AND MANUFACTURER 10F/25V ceramic capacitor, Taiyo Yuden TMK325 MJ106MY X5R (3.2mmx2.5mmx1.9mm) 0.1F/50V ceramic capacitor 1F/10V ceramic capacitor, Taiyo Yuden LMK212BJ105MG 10nF ceramic capacitor 6.8nF ceramic capacitor 3300pF ceramic capacitor 30V/3A Schottky diode, EC31QS03L (optional) 100mA/30V Schottky Diode, Central Semiconductor 10H/3.8A/26m, Sumida, CDRH104R-100 30V/35m, FDS6912A, Fairchild Signal N-Channel MOSFET, 2N7002 40m, 1%, LRC-LR2512-01-R040-F, IRC 20m, 1%, LRC-LR2010-01-R020-F, IRC 18, 5%, (0805) 2.2, 5%, (0805) 100k, 5%, (0805) 4.7k, 5%, (0805) 100, 5%, (0805) 130k, 1%, (0805) 10.2k, 1%, (0805) 4.7, 5%, (0805) 20k, 1%, (0805) 1.87k, 1%, (0805)
PWM GAIN = 11 11 R FET_rDS(ON) PWM INPUT RESR R L_DCR CO R BAT PWM INPUT + VDD RAMP GEN VRAMP = VDD/11 DRIVERS L
TRANSCONDUCTANCE AMPLIFIERS GM1, GM2 AND GM3 ISL6252 uses several transconductance amplifiers (also known as gm amps). Most commercially available op amps are voltage controlled voltage sources with gain expressed as A = VOUT/VIN.gm amps are voltage controlled current sources with gain expressed as gm = IOUT/VIN.gm will appear in some of the equations for poles and zeros in the compensation. PWM GAIN FM The Pulse Width Modulator in the ISL6252 converts voltage at VCOMP to a duty cycle by comparing VCOMP to a triangle wave (duty = VCOMP/VPP RAMP). The low-pass filter formed by L and CO convert the duty cycle to a DC output voltage (Vo = VDCIN*duty). In ISL6252, the triangle wave amplitude is proportional to VDCIN. Making the ramp amplitude proportional to DCIN makes the gain from VCOMP to the PHASE output a constant 11 and is independent of DCIN. For small signal AC analysis, the battery is modeled by it's internal resistance. The total output resistance is the sum of the sense resistor and the internal resistance of the MOSFETs, inductor and capacitor. Figure 18 shows the small signal model of the pulse width modulator (PWM), power stage, output filter and battery.
CO
Loop Compensation Design
ISL6252 has three closed loop control modes. One controls the output voltage when the battery is fully charged or absent. A second controls the current into the battery when charging and the third limits current drawn from the adapter. The charge current and input current control loops are compensated by a single capacitor on the ICOMP pin. The voltage control loop is compensated by a network on the VCOMP pin. Descriptions of these control loops and guidelines for selecting compensation components will be given in the following sections. Which loop controls the output is determined by the minimum current buffer and the minimum voltage buffer shown in Figure 1. These three loops will be described separately.
L
R SENSE
FIGURE 18. SMALL SIGNAL AC MODEL
In most cases the Battery resistance is very small (<200m) resulting in a very low Q in the output filter. This results in a frequency response from the input of the PWM to the inductor current with a single pole at the frequency calculated in Equation 29:
( R SENSE + r DS ( ON ) + R DCR + R BAT ) f POLE1 = -----------------------------------------------------------------------------------------------------2 L (EQ. 29)
18
FN6498.1 July 19, 2007
ISL6252, ISL6252A
The output capacitor creates a pole at a very high frequency due to the small resistance in parallel with it. The frequency of this pole is calculated in Equation 30:
1 f POLE2 = -------------------------------------2 C o R BAT (EQ. 30)
The DC gain is calculated in Equation 34 and the cross over frequency is calculated with Equation 35.
11 R S2 A DC = --------------------------------------------------------------------------------------------------------( R S2 + r DS ( ON ) + R DCR + R BATTERY ) 11 R S2 f CO = A DC f POLE = --------------------2 L (EQ. 34)
(EQ. 35)
CHARGE CURRENT CONTROL LOOP When the battery voltage is less than the fully charged voltage, the voltage error amplifier goes to it's maximum output (limited to 1.2V above ICOMP) and the ICOMP voltage controls the loop through the minimum voltage buffer. Figure 19 shows the charge current control loop.
PHASE 11 L
The bode plot of the loop gain, the compensator gain and the power stage gain is shown in Figure 20:
60 fZERO 40 COMPENSATOR MODULATOR LOOP
20 GAIN (dB) R S2 R FET_rDS(ON) R L_DCR
0
S
+ 0.25 -
CSOP + 20 CA2 CSON CO CHLIM + -
R F2 C F2
-20
fPOLE1 fFILTER
ICOMP
gm2 + CICOMP
R BAT
-40 fPOLE2 0.1k 1k 10k FREQUENCY (Hz) 100k 1M
RESR
-60 0.01k
FIGURE 19. CHARGE CURRENT LIMIT LOOP
The compensation capacitor (CICOMP) gives the error amplifier (GMI) a pole at a very low frequency (<<1Hz) and a a zero at fZ1. fZ1 is created by the 0.25*CA2 output added to ICOMP. The frequency of can be calculated from Equation 31:
4 gm2 f ZERO = --------------------------------------( 2 C ICOMP ) 50A gm2 = -------------V (EQ. 31)
FIGURE 20. CHARGE CURRENT LOOP BODE PLOTS
Adapter Current Limit Control Loop
If the combined battery charge current and system load current draws current that equals the adapter current limit set by the ACLIM pin, ISL6252 will reduce the current to the battery and/or reduce the output voltage to hold the adapter current at the limit. Above the adapter current limit, the minimum current buffer equals the output of gm3 and ICOMP controls the charger output. Figure 21 shows the adapter current limit control loop.
DCIN PHASE 11 R F1 C F1 CSIN + CSIP 20 CA1 R ESR ICOMP C ICOMP gm3 + ACLIM + + 0.25 CSOP + 20 CA2 CSON CO C F2 R F2 R R FET_rDS(ON) R L_DCR L
Placing this zero at a frequency equal to the pole calculated in Equation 29 will result in maximum gain at low frequencies and phase margin near 90. If the zero is at a higher frequency (smaller CICOMP), the DC gain will be higher but the phase margin will be lower. Use a capacitor on ICOMP that is equal to or greater than the value calculated in Equation 32:
4 ( 50A V ) C ICOMP = ----------------------------------------------------------------------------------------( R S2 + r DS ( ON ) + R DCR + R BAT ) (EQ. 32)
R S1
A filter should be added between RS2 and CSOP and CSON to reduce switching noise. The filter roll off frequency should be between the cross over frequency and the switching frequency (~100kHz). RF2 should be small (<10) to minimize offsets due to leakage current into CSOP. The filter cut off frequency is calculated using Equation 33:
1 f FILTER = -----------------------------------------( 2 C F2 R F2 ) (EQ. 33)
The cross over frequency is determined by the DC gain of the modulator and output filter and the pole in Equation 23.
FIGURE 21. ADAPTER CURRENT LIMIT LOOP
19
FN6498.1 July 19, 2007
ISL6252, ISL6252A
The loop response equations, bode plots and the selection of CICOMP are the same as the charge current control loop with loop gain reduced by the duty cycle and the ratio of RS1/RS2. In other words, if RS1= RS2 and the duty cycle D = 50%, the loop gain will be 6dB lower than the loop gain in Figure 20. This gives lower cross over frequency and higher phase margin in this mode. If RS1/RS2 = 2 and the duty cycle is 50% then the adapter current loop gain will be identical to the gain in Figure 20. A filter should be added between RS1 and CSIP and CSIN to reduce switching noise. The filter roll off frequency should be between the cross over frequency and the switching frequency (~100kHz). output LC filter response is shown in Figure 23. Transfer function ALC(s) is shown in Equation 36:
s 1 - --------------- ESR A LC = --------------------------------------------------------- s2 s ----------- + ------------------------ + 1 DP ( LC Q ) 1 ESR = -------------------------------( R ESR C o ) 1 LC = ----------------------( L Co )
(EQ. 36)
L Q = R o -----Co
GAIN (dB)
NO BATTERY RBATTERY = 200m RBATTERY = 50m
Voltage Control Loop
When the battery is charged to the voltage set by CELLS and VADJ the voltage error amplifier (gm1) takes control of the output (assuming that the adapter current is below the limit set by ACLIM). The voltage error amplifier (gm1) discharges the cap on VCOMP to limit the output voltage. The current to the battery decreases as the cells charge to the fixed voltage and the voltage across the internal battery resistance decreases. As battery current decreases the 2 current error amplifiers (gm2 and gm3) output their maximum current and charge the capacitor on ICOMP to its maximum voltage (limited to 1.2V above VCOMP). With high voltage on ICOMP, the minimum voltage buffer output equals the voltage on VCOMP. The voltage control loop is shown in Figure 22.
.
PHASE (DEGREES)
FREQUENCY
PHASE 11 R FET_rDS(ON)
L
FIGURE 23. FREQUENCY RESPONSE OF THE LC OUTPUT FILTER
R L_DCR
+ 0.25 -
CA2 + 20 -
CSOP
R F2 C F2 R S2
The resistance RO is a combination of MOSFET rDS(ON), inductor DCR, RSENSE and the internal resistance of the battery (normally between 50m and 200m). The worst case for voltage mode control is when the battery is absent. This results in the highest Q of the LC filter and the lowest phase margin. The compensation network consists of the voltage error amplifier gm1 and the compensation network RVCOMP, CVCOMP, which give the loop very high DC gain, a very low frequency pole and a zero at fZERO1. Inductor current information is added to the feedback to create a second zero, fZERO2. The low pass filter RF2, CF2 between RSENSE and ISL6252 add a pole at fFILTER. R3 and R4 are internal divider resistors that set the DC output voltage. For a 3-cell battery, R3 = 320k and R4 = 64k. Equations 37, 38, 39, 40, 41 and 42 relate the compensation network's poles, zeros and gain to the components in Figure 22. Figure 24 shows an asymptotic bode plot of the DC/DC converter's gain vs frequency. It is strongly recommended that fZERO1 is approximately 30% of fLC and fZERO2 is approximately 70% of fLC.
CSON VCOMP R3 gm1 + + CO R4 R ESR R BAT
C VCOMP R VCOMP 2.1V
FIGURE 22. VOLTAGE CONTROL LOOP
Output LC Filter Transfer Functions
The gain from the phase node to the system output and battery depend entirely on external components. Typical
20
FN6498.1 July 19, 2007
ISL6252, ISL6252A PCB Layout Considerations
COMPENSATOR MODULATOR 40 LOOP fLC fPOLE1
Power and Signal Layers Placement on the PCB
As a general rule, power layers should be close together, either on the top or bottom of the board, with signal layers on the opposite side of the board. As an example, layer arrangement on a 4-layer board is shown below: 1. Top Layer: signal lines, or half board for signal lines and the other half board for power lines
20 GAIN (dB)
0 fFILTER
-20
2. Signal Ground 3. Power Layers: Power Ground 4. Bottom Layer: Power MOSFET, Inductors and other Power traces
-40
fZERO1
fZERO2 FESR
-60 0.1k 1k 10k
100k
1M
FREQUENCY (Hz)
FIGURE 24. ASYMPTOTIC BODE PLOT OF THE VOLTAGE CONTROL LOOP GAIN
Separate the power voltage and current flowing path from the control and logic level signal path. The controller IC will stay on the signal layer, which is isolated by the signal ground to the power signal traces.
COMPENSATION BREAK FREQUENCY EQUATIONS
1 f ZERO1 = ---------------------------------------------------------------------( 2 C VCOMP R 1COMP ) R VCOMP R 4 gm1 f ZERO2 = ------------------------------------------------------- -------------------- ----------- 2 R SENSE C OUT R 4 + R 3 5 (EQ. 38) 1 f LC = ------------------------------( 2 L C o ) 1 f FILTER = -----------------------------------------( 2 R F2 C F2 ) 1 f POLE1 = --------------------------------------------------( 2 R SENSE C o ) 1 f ESR = ------------------------------------------( 2 C o R ESR ) (EQ. 39) (EQ. 40) (EQ. 41) (EQ. 37)
Component Placement
The power MOSFET should be close to the IC so that the gate drive signal, the LGATE, UGATE, PHASE, and BOOT, traces can be short. Place the components in such a way that the area under the IC has less noise traces with high dv/dt and di/dt, such as gate signals and phase node signals.
Signal Ground and Power Ground Connection
At minimum, a reasonably large area of copper, which will shield other noise couplings through the IC, should be used as signal ground beneath the IC. The best tie-point between the signal ground and the power ground is at the negative side of the output capacitor on each side, where there is little noise; a noisy trace beneath the IC is not recommended.
(EQ. 42)
GND and VDD Pin
At least one high quality ceramic decoupling cap should be used to cross these two pins. The decoupling cap can be put close to the IC.
TABLE 3. CELLS 2 3 4 R3 288k 320k 336k R4 48k 64k 96k
LGATE Pin
This is the gate drive signal for the bottom MOSFET of the buck converter. The signal going through this trace has both high dv/dt and high di/dt, and the peak charging and discharging current is very high. These two traces should be short, wide, and away from other traces. There should be no other traces in parallel with these traces on any layer.
Choose RVCOMP equal or lower than the value calculated from Equation 43:
R 3 + R 4 5 R VCOMP = ( 0.7 f LC ) ( 2 C o R SENSE ) ----------- -------------------- gm1 R 4 (EQ. 43)
PGND Pin
PGND pin should be laid out to the negative side of the relevant output cap with separate traces.The negative side of the output capacitor must be close to the source node of the bottom MOSFET. This trace is the return path of LGATE.
Next, choose CVCOMP equal or higher than the value calculated from Equation 44:
1 C VCOMP = -----------------------------------------------------------------------( 0.3 f LC ) ( 2 R VCOMP ) (EQ. 44)
PHASE Pin
This trace should be short, and positioned away from other weak signal traces. This node has a very high dv/dt with a
21
FN6498.1 July 19, 2007
ISL6252, ISL6252A
voltage swing from the input voltage to ground. No trace should be in parallel with it. This trace is also the return path for UGATE. Connect this pin to the high-side MOSFET source.
EN Pin
This pin stays high at enable mode and low at idle mode and is relatively robust. Enable signals should refer to the signal ground.
UGATE Pin
This pin has a square shape waveform with high dv/dt. It provides the gate drive current to charge and discharge the top MOSFET with high di/dt. This trace should be wide, short, and away from other traces similar to the LGATE.
DCIN Pin
This pin connects to AC adapter output voltage, and should be less noise sensitive.
Copper Size for the Phase Node
The capacitance of PHASE should be kept very low to minimize ringing. It would be best to limit the size of the PHASE node copper in strict accordance with the current and thermal management of the application.
BOOT Pin
This pin's di/dt is as high as the UGATE; therefore, this trace should be as short as possible.
CSOP, CSON, CSIP and CSIN Pins
Accurate charge current and adapter current sensing is critical for good performance. The current sense resistor connects to the CSON and the CSOP pins through a low pass filter with the filter cap very near the IC (see Figure 2). Traces from the sense resistor should start at the pads of the sense resistor and should be routed close together, throughout the low pass filter and to the CSON and CSON pins (see Figure 25). The CSON pin is also used as the battery voltage feedback. The traces should be routed away from the high dv/dt and di/dt pins like PHASE, BOOT pins. In general, the current sense resistor should be close to the IC. These guidelines should also be followed for the adapter current sense resistor and CSIP and CSIN. Other layout arrangements should be adjusted accordingly.
HIGH CURRENT TRACE SENSE HIGH CURRENT TRACE
Identify the Power and Signal Ground
The input and output capacitors of the converters, the source terminal of the bottom switching MOSFET PGND should connect to the power ground. The other components should connect to signal ground. Signal and power ground are tied together at one point.
Clamping Capacitor for Switching MOSFET
It is recommended that ceramic caps be used closely connected to the drain of the high-side MOSFET, and the source of the low-side MOSFET. This capacitor reduces the noise and the power loss of the MOSFET.
RESISTOR RESISTOR
KELVIN CONNECTION TRACES TO THE LOW PASS FILTER AND CSOP AND CSON
FIGURE 25. CURRENT SENSE RESISTOR LAYOUT
22
FN6498.1 July 19, 2007
ISL6252, ISL6252A Quad Flat No-Lead Plastic Package (QFN) Micro Lead Frame Plastic Package (MLFP)
2X A 9 D1 D1/2 6 INDEX AREA N 1 2 3 E1/2 E1 9 2X 0.15 C B 2X 0.15 C A 0 4X C TOP VIEW A2 A / / 0.10 C 0.08 C SIDE VIEW NX b 4X P D2 (DATUM B) 4X P 1 (DATUM A) 6 INDEX AREA NX L Ne 8 (Nd-1)Xe REF. BOTTOM VIEW A1 NX b 5 2 3 E2 7 E2/2 8 (Ne-1)Xe REF. D2 2N 5 0.10 M C A B 7 8 NX k A3 A1 9 B E/2 E 2X 0.15 C B D D/2 0.15 C A
L28.5x5
28 LEAD QUAD FLAT NO-LEAD PLASTIC PACKAGE (COMPLIANT TO JEDEC MO-220VHHD-1 ISSUE I) MILLIMETERS SYMBOL A A1 A2 A3 b D D1 D2 E E1 E2 e k L N Nd Ne P 0.20 0.50 2.95 2.95 0.18 MIN 0.80 NOMINAL 0.90 0.02 0.65 0.20 REF 0.25 5.00 BSC 4.75 BSC 3.10 5.00 BSC 4.75 BSC 3.10 0.50 BSC 0.60 28 7 7 0.60 12 0.75 3.25 3.25 0.30 MAX 1.00 0.05 1.00 NOTES 9 9 5,8 9 7,8 9 7,8 8 2 3 3 9 9 Rev. 1 11/04 NOTES: 1. Dimensioning and tolerancing conform to ASME Y14.5-1994. 2. N is the number of terminals. 3. Nd and Ne refer to the number of terminals on each D and E. 4. All dimensions are in millimeters. Angles are in degrees. 5. Dimension b applies to the metallized terminal and is measured between 0.15mm and 0.30mm from the terminal tip. 6. The configuration of the pin #1 identifier is optional, but must be located within the zone indicated. The pin #1 identifier may be either a mold or mark feature. 7. Dimensions D2 and E2 are for the exposed pads which provide improved electrical and thermal performance.
SEATING PLANE
9 CORNER OPTION 4X
C L
SECTION "C-C" C L
8. Nominal dimensions are provided to assist with PCB Land Pattern Design efforts, see Intersil Technical Brief TB389. 9. Features and dimensions A2, A3, D1, E1, P & are present when Anvil singulation method is used and not present for saw singulation.
L1 e CC
10
L L1 e
10
L
TERMINAL TIP FOR ODD TERMINAL/SIDE FOR EVEN TERMINAL/SIDE
23
FN6498.1 July 19, 2007
ISL6252, ISL6252A Shrink Small Outline Plastic Packages (SSOP) Quarter Size Outline Plastic Packages (QSOP)
N INDEX AREA E -B1 2 3 L SEATING PLANE -AD -CA 0.25 0.010 h x 45 GAUGE PLANE H 0.25(0.010) M BM
M24.15
24 LEAD SHRINK SMALL OUTLINE PLASTIC PACKAGE (0.150" WIDE BODY) INCHES SYMBOL A A1 A2 B C MIN 0.053 0.004 0.008 0.007 0.337 0.150 MAX 0.069 0.010 0.061 0.012 0.010 0.344 0.157 MILLIMETERS MIN 1.35 0.10 0.20 0.18 8.55 3.81 MAX 1.75 0.25 1.54 0.30 0.25 8.74 3.98 NOTES 9 3 4 5 6 7 8 Rev. 2 6/04
A1 0.10(0.004) A2 C
D E e H h L N
e
B 0.17(0.007) M C AM BS
0.025 BSC 0.228 0.0099 0.016 24 0 8 0.244 0.0196 0.050
0.635 BSC 5.80 0.26 0.41 24 0 6.19 0.49 1.27
NOTES: 1. Symbols are defined in the "MO Series Symbol List" in Section 2.2 of Publication Number 95. 2. Dimensioning and tolerancing per ANSI Y14.5M-1982. 3. Dimension "D" does not include mold flash, protrusions or gate burrs. Mold flash, protrusion and gate burrs shall not exceed 0.15mm (0.006 inch) per side. 4. Dimension "E" does not include interlead flash or protrusions. Interlead flash and protrusions shall not exceed 0.25mm (0.010 inch) per side. 5. The chamfer on the body is optional. If it is not present, a visual index feature must be located within the crosshatched area. 6. "L" is the length of terminal for soldering to a substrate. 7. "N" is the number of terminal positions. 8. Terminal numbers are shown for reference only. 9. Dimension "B" does not include dambar protrusion. Allowable dambar protrusion shall be 0.10mm (0.004 inch) total in excess of "B" dimension at maximum material condition. 10. Controlling dimension: INCHES. Converted millimeter dimensions are not necessarily exact.
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems. Intersil Corporation's quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com 24
FN6498.1 July 19, 2007


▲Up To Search▲   

 
Price & Availability of ISL6252HRZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X